|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0459856331 Active extreme_lphpower 1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPowerTM Header, Right Angle, 6 Power Contacts, 20 Signal Contacts, Select Gold (Au) Plating, for 3.18mm (.125") Thick PC Board, with Press-fit Plastic Pegs Documents: 3D Model Drawing (PDF) Product Specification PS-45984-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA TUV UL LR19980 30683046 E29179 General Product Family Series Application Overview Product Name PCB Headers 45985 Board-to-Board extreme_lphpower EXTreme LPHPowerTM Physical Breakaway Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part No 26 26 6 Power, 20 Signal Black 250 Yes 94V-0 No No None No Brass, High Performance Alloy (HPA) Gold Tin High Temperature Thermoplastic 2 Right Angle 0.177 In 4.50 mm Yes Yes 0.125 In 3.18 mm Tray 0.050 In, 0.472 In 1.27 mm, 12.00 mm 30 0.75 150, 50 1.25, 3.75 Yes Search Parts in this Series 45985Series Mates With 45984 EXTreme LPHPowerTM PCB Receptacles Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Yes Fully No Yes -40C to +105C Through Hole Electrical Current - Maximum per Contact Voltage - Maximum 27A 250V AC (RMS)/DC Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 20 Wave Capable (TH only) 3 260 Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-45984-001 PS-45984-001 SD-45985-600 This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0459856331 |